PART |
Description |
Maker |
QL12X16B-0CG68M QL12X16B-1CG68M QL12X16B-CF160M QL |
Military 5.0V pASIC 1 family. Very-high-speed SMOS FPGA. MILITARY 5.0V PASIC 1 FAMILY - VERY-HIGH-SPEED CMOS FPGA
|
QuickLogic ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
QL3004 |
pASIC 3 FPGA Family High Performance and High Density with Low Cost and Complete Flexibiltiy(具有低成本和充分灵活性的高性能和高密度的pASIC 3现场可编程门阵列)
|
QuickLogic Corp.
|
DVST2800TSERIES |
COTS Converters:Military Designs for Military Applications COTS的转换器:用于军事用途的军事设计
|
Vishay Intertechnology, Inc.
|
QL3040-4PB456C QL3040-3PQ208I QL3040-2PB456I QL304 |
40,000 usable PLD gate pASIC 3 FPGA combining high performance and high density. 40000 usable PLD gate pASIC 3 FPGA combining High performance and high density FPGA, 1008 CLBS, 40000 GATES, 225 MHz, PBGA456 40000 usable PLD gate pASIC 3 FPGA combining High performance and high density FPGA, 1008 CLBS, 40000 GATES, 225 MHz, PQFP208
|
QuickLogic, Corp. QuickLogic Corp.
|
MN5200 MN5200H_BCH MN5201 MN5201H_BCH MN5202 MN520 |
50μsec, 12-bit Military A/D Converters 50Usec 12-bit Military A/D Converters Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 50Usec, 12-bit Military A/D Converters 50Usec2位军事的A / D转换
|
API Technologies Corp ICST[Integrated Circuit Systems]
|
ESS RWR89Z EGN-10-10 EGN-10-80 EGN-1-10 EGN-1-80 E |
Wirewound Resistors, Military/Established Reliability Military/Established Reliability, MIL-R-39007 Qual., Type RWR, R Level, Meets Solvent Resistance of MIL-STD-202 (Method 215), 100% Power Stabilization and Screening Test (RWRxxx) Wirewound Resistors Military/Established Reliability RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 909 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 931 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
1N5554 JANTX1N5622 1N5550 1N5550-1 1N5552 1N5553 J |
RECTIFIERS MILITARY APPROVED/ 5 AMP/ GENERAL PURPOSE MSTBVA 2,5/21-G-5,08 Standard Rectifier (trr more than 500ns) RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
|
MICROSEMI[Microsemi Corporation] http://
|
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ST62E65B ST62T60B ST62T63B ST62T65B ST62T81 ST62E4 |
Gang Programmers for ST62 MCU Family(ST62绯诲????绋??) Gang Programmers for ST62 MCU Family(ST62系列的编程器) 为ST62微控制器系列(ST62系列的编程器编程钢) EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
|
STMicroelectronics N.V. 意法半导 http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
0457501212 0460121241 0457503211 0457503212 |
MINI-FIT FAMILY OVERVIERW MINIFIT FAMILY OVERVIEW MINI-FIT FAMILY OVERVIEW
|
Molex Electronics Ltd.
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|